PART |
Description |
Maker |
MC9S12XEG128MAL S912XET256J2MAA S312XEP100JMAAR S9 |
Microcontrollers MC9S12XEP100 Reference Manual Covers MC9S12XE Family Features of the MC9S12XE-Family are listed here. Please see Table D-2.for memory options and Table D-2. for the peripheral features that are available on the different family members. HCS12X Microcontrollers
|
Freescale Semiconductor, Inc Freescale Semiconductor...
|
ST72XX-EMUX ST72EXX-EPB ST7MDTX-EMU2 |
Real-Time Development Tools for the ST7 MCU Family(ST7系列的实时开发工 EPROM Programming Boards for the ST7 MCU Family(ST7系列EPROM编程
|
意法半导
|
AMD-K6-166ALR AMD-K6233AFR AMD-K6200AFR AMD-K6300A |
Processor AMD-K6 family, operating voltage=3.1V.3V, 166MHz Processor AMD-K6 family, operating voltage=2.1V.3V, 233MHz Processor AMD-K6 family, operating voltage=2.1V.3V, 200MHz Processor AMD-K6 family, operating voltage=2.1V.3V, 300MHz
|
Advanced Micro Devices
|
AS4C4M4E1Q AS4CM4E1Q-50 AS4CM4E1Q-60 AS4CM4EOQ AS4 |
Thick Film Chip Resistor - RMC 1 3.9 5% R 4米4的CMOS QuadCAS的DRAM(江户)家庭 4M X 4 CMOS Quad CAS DRAM (EDO) family 4M x 4 CMOS QuadCAS DRAM (EDO) family
|
Analog Devices, Inc. ALSC[Alliance Semiconductor Corporation]
|
LFEC15E-4F256C LFEC15E-4F256I LFEC15E-4F484C LFEC1 |
LatticeEC family of FPGA. LatticeECP family of FPGA.
|
Lattice Semiconductor
|
EP3C120F484C7 EP3C5E144C6ES EP3C16E144C6ES EP3C25E |
Cyclone III Device Handbook This section provides a complete overview of all features relating to the Cyclone III device family Chapter Revision Dates Cyclone III Device Family Overview Cyclone III Device Family Overview
|
Altera Corporation
|
24AA512-I/OT 24LC512-I/OT 24AA512T-EP 24LC512T-EP |
I2CSerial EEPROM Family Data Sheet ⑩的I2C串行EEPROM系列数据手册 I2C??Serial EEPROM Family Data Sheet
|
Microchip Technology Inc. Microchip Technology, Inc.
|
QL12X16B QL12X16B-0CG84C QL12X16B-0PF100C QL12X16B |
Very-high-speed CMOS FPGA, pASIC1 family. pASIC? 1 Family
Very-High-Speed CMOS FPGA FPGA, 192 CLBS, 2000 GATES, 150 MHz, CPGA84
|
QUICKLOGIC CORP
|
ATF2500C ATF2500C-20JI ATF2500C-20PC ATF2500C-15JC |
ATF2500C CPLD Family Datasheet ATF2500C CPLD Family Datasheet High-performance, High-density, Electrically-erasable Programmable Logic Device
|
ATMEL Corporation 聚兴科技股份有限公司
|
E28F004SC-85 28F008SC 28F016SC G28F008SC-150 G28F0 |
BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4/ 8/ AND 16 MBIT BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4 / 8 / AND 16 MBIT 8-MBIT SmartVoltage FlashFile Memory(8M位智能电压闪速存储器) 16-MBIT SmartVoltage FlashFile Memory(16M位智能电压闪速存储器) BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 512K X 8 FLASH 3.3V PROM, 85 ns, PDSO44 BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 字节宽SmartVoltage FlashFile Memory系列486兆比 BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 512K X 8 FLASH 3.3V PROM, 120 ns, PDSO44 BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 512K X 8 FLASH 3.3V PROM, 100 ns, PDSO44 BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 2M X 8 FLASH 3.3V PROM, 120 ns, PDSO44
|
Intel Corporation Intel Corp. Intel, Corp.
|
S29GL512N S29GL256N90FFI010 S29GL256N90FFIV20 S29G |
MirrorBit Flash Family 16M X 16 FLASH 3V PROM, 100 ns, PBGA64 3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBitProcess Technology 32M X 16 FLASH 3V PROM, 100 ns, PBGA64 JT 13C 13#22M PIN PLUG 16M X 16 FLASH 3V PROM, 100 ns, PDSO56 MirrorBit Flash Family 16M X 16 FLASH 3V PROM, 80 ns, PDSO56 MirrorBit Flash Family MirrorBit闪存系列 Replaced by PTB48520W : 16M X 16 FLASH 3V PROM, 100 ns, PBGA64 JT 13C 13#22D SKT PLUG
|
Spansion, Inc. Spansion Inc. ETC
|